công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAM2800 bảng dữ liệu(PDF) 4 Page - Diodes Incorporated

tên linh kiện PAM2800
Giải thích chi tiết về linh kiện  HIGH POWER WHITE LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2800 bảng dữ liệu(HTML) 4 Page - Diodes Incorporated

  PAM2800 Datasheet HTML 1Page - Diodes Incorporated PAM2800 Datasheet HTML 2Page - Diodes Incorporated PAM2800 Datasheet HTML 3Page - Diodes Incorporated PAM2800 Datasheet HTML 4Page - Diodes Incorporated PAM2800 Datasheet HTML 5Page - Diodes Incorporated PAM2800 Datasheet HTML 6Page - Diodes Incorporated PAM2800 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PAM2800
Document number: DSxxxxx Rev. 1 - 3
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
PAM2800
A Product Line of
Diodes Incorporated
Application Information
In the typical application (see Figure 1), the LED current will come to constant current level little by little after the device is powered. A 62ΚΩ
resistor is recommended for R1, the value for R2 should be adjusted around 33ΚΩ due to LED forward voltage from lot-to-lot or brand-to-brand.
Power Dissipation and Thermal Consideration
Thermal protection limits power dissipation in the PAM2800. When the operation junction temperature exceeds +150°C, the OTP (Over
Temperature Protection) starts the thermal shutdown and turns the pass transistor off. The pass transistor resumes operation after the junction
temperature drops below +120°C.
For continuous operation, the junction temperature should be maintained below +125°C. The power dissipation is defined as:
()
I
*
V
I
*
V
V
P
GND
IN
O
OUT
IN
D
+
−
=
The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of surrounding airflow and temperature
difference between junction and ambient. The maximum power dissipation can be calculated by the following formula:
(
) θ
−
=
JA
A
)
MAX
(
J
)
MAX
(
D
/
T
T
P
Where TJ(MAX) is the maximum operation junction temperature +125°C. TA is the ambient temperature, and is the thermal resistance from the
junction to the ambient.
For example, as θJA is +250°C/W for SOT-23, based on the standard JEDEC 51-3 for a single layer thermal test board, the maximum power
dissipation for SOT-23 package at TA = +25°C can be calculated by following formula:
(
)
W
4
.
0
250
/
C
25
C
125
P
)
MAX
(
D
=
°
−
°
=
To calculate the junction temperature of the PAM2800 SOT-23 package, if we use input voltage VIN = 4V at an output current IO = 300mA and
the case temperature TA = 40°C measured by the thermal couple while operating, the power dissipation is defined as:
()
mW
360
A
70
*
V
4
mA
300
*
V
8
.
2
V
4
PD
≈
μ
+
−
=



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com