| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS2221 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2221 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 23 page ![]() TPS2228 TPS2221 SLVS419A – MAY 2002 REVISED SEPTEMBER 2002 www.ti.com 21 MECHANICAL DATA PWP (R-PDSO-G**) PowerPAD PLASTIC SMALL-OUTLINE 4073225/F10/98 0,50 0,75 0,25 0,15 NOM Thermal Pad (See Note D) Gage Plane 28 24 7,70 7,90 20 6,40 6,60 9,60 9,80 6,60 6,20 11 0,19 4,50 4,30 10 0,15 20 A 1 0,30 1,20 MAX 16 14 5,10 4,90 PINS ** 4,90 5,10 DIM A MIN A MAX 0,05 Seating Plane 0,65 0,10 M 0,10 0 °–8° 20 PINS SHOWN NOTES:A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusions. D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane. This pad is electrically and thermally connected to the backside of the die and possibly selected leads. E. Falls within JEDEC MO-153 PowerPAD is a trademark of Texas Instruments. |