| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320LF2402A bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320LF2402A bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 23 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 memory maps (continued) Reserved On-Chip Flash Memory (Sectored) 0000 005F 0060 Hex Data Memory-Mapped Registers/Reserved Addresses 007F 0080 On-Chip DARAM B2 01FF 0200 Illegal 02FF 0300 On-Chip DARAM (B0)§ (CNF = 0) Reserved (CNF = 1) 03FF 0400 On-Chip DARAM (B1)¶ 07FF 0800 Reserved 6FFF 7000 Illegal Peripheral Memory-Mapped Registers (System, WD, ADC, SCI, I/O, Interrupts) 7FFF 8000 Illegal 0000 Hex I/O FEFF FF00 FF0E FF0F Reserved Illegal FFFF FFFE FF10 Flash Control Mode Register FFFF 0FFF 1000 Reserved Reserved 0000 Program FFFF FEFF FF00 FDFF FE00 On-Chip DARAM (B0)‡ (CNF = 1) Reserved (CNF = 0) 0FFF Hex 7FFF 8000 FFFF FEFF FF00 FDFF FE00 Illegal Flash Sector 0 (4K) Flash Sector 1 (12K) Reserved 87FF 8800 4000 Reserved 1000 3FFF Reserved or Illegal 81FF 8200 SARAM (512 words) Internal (PON = 1) Reserved (PON = 0) SARAM (512 words) Internal (DON = 1) Reserved (DON = 0) 09FF 0A00 SARAM (See Table 1 for details.) Interrupt Vectors (0000−003Fh) Reserved† (0040−0043h) User code begins at 0044h Reserved 0100 00FF Illegal 04FF 0500 Reserved‡ NOTE A: Boot ROM: If the boot ROM is enabled, then addresses 0000−00FF in the program space will be occupied by boot ROM. † Addresses 0040h−0043h in program memory are reserved for code security passwords. ‡ When CNF = 1, addresses FE00h−FEFFh and FF00h−FFFFh are mapped to the same physical block (B0) in program-memory space. For example, a write to FE00h has the same effect as a write to FF00h. For simplicity, addresses FE00h−FEFFh are referred to as reserved. § When CNF = 0, addresses 0100h−01FFh and 0200h−02FFh are mapped to the same physical block (B0) in data-memory space. For example, a write to 0100h has the same effect as a write to 0200h. For simplicity, addresses 0100h−01FFh are referred to as reserved. ¶ Addresses 0300h−03FFh and 0400h−04FFh are mapped to the same physical block (B1) in data-memory space. For example, a write to 0400h has the same effect as a write to 0300h. For simplicity, addresses 0400h−04FFh are referred to as reserved. Figure 3. TMS320LF2403A Memory Map |