| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM10CLN bảng dữ liệu(PDF) 17 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM10CLN bảng dữ liệu(HTML) 17 Page - National Semiconductor (TI) |
|
17 / 21 page ![]() Typical Applications (Note 10) (Pin numbers are for devices in 8-pin packages) (Continued) Note 10: Circuit descriptions available in application note AN-211. Application Hints With heavy amplifier loading to V −, resistance drops in the V− lead can adversely affect reference regulation. Lead resistance can approach 1 Ω. Therefore, the common to the reference circuitry should be connected as close as possible to the package. Light-level Controller DS005652-83 www.national.com 17 |