| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV9118 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9118 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 46 page ![]() STV9118 4/46 1 - GLOSSARY AC Alternate Current ACK ACKnowledge bit of I2C-bus transfer AGC Automatic Gain Control COMP COMParator CRT Cathode Ray Tube DC Direct Current EHT Extra High Voltage EW East-West H/W HardWare HOT Horizontal Output Transistor I2CInter-Integrated Circuit IIC Inter-Integrated Circuit MCU Micro-Controller Unit NAND Negated AND (logic operation) NPN Negative-Positive-Negative OSC OSCillator PLL Phase-Locked Loop PNP Positive-Negative-Positive REF REFerence RS, R-S Reset-Set S/W SoftWare TTL Transistor Transistor Logic VCO Voltage-Controlled Oscillator |