công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72561R9 bảng dữ liệu(PDF) 176 Page - STMicroelectronics

tên linh kiện ST72561R9
Giải thích chi tiết về linh kiện  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9 bảng dữ liệu(HTML) 176 Page - STMicroelectronics

Back Button ST72561R9 Datasheet HTML 172Page - STMicroelectronics ST72561R9 Datasheet HTML 173Page - STMicroelectronics ST72561R9 Datasheet HTML 174Page - STMicroelectronics ST72561R9 Datasheet HTML 175Page - STMicroelectronics ST72561R9 Datasheet HTML 176Page - STMicroelectronics ST72561R9 Datasheet HTML 177Page - STMicroelectronics ST72561R9 Datasheet HTML 178Page - STMicroelectronics ST72561R9 Datasheet HTML 179Page - STMicroelectronics ST72561R9 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 262 page
background image
ST72561
176/262
beCAN CONTROLLER (Cont’d)
10.9.3.7 Loop Back combined with Silent Mode
It is also possible to combine Loop Back mode and
Silent mode by setting the LBKM and SILM bits in
the CDGR register. This mode can be used for a
“Hot Selftest”, meaning the beCAN can be tested
like in Loop Back mode but without affecting a run-
ning CAN system connected to the CANTX and
CANRX pins. In this mode, the CANRX pin is dis-
connected from the beCAN and the CANTX pin is
held recessive.
Figure 99. beCAN in Combined Mode
10.9.4 Functional Description
10.9.4.1 Transmission Handling
In order to transmit a message, the application
must select one empty transmit mailbox, set up
the identifier, the data length code (DLC) and the
data before requesting the transmission by setting
the corresponding TXRQ bit in the MCSR register.
Once the mailbox has left empty state, the soft-
ware no longer has write access to the mailbox
registers. Immediately after the TXRQ bit has
been set, the mailbox enters pending state and
waits to become the highest priority mailbox, see
Transmit Priority. As soon as the mailbox has the
highest priority it will be scheduled for transmis-
sion. The transmission of the message of the
scheduled mailbox will start (enter transmit state)
when the CAN bus becomes idle. Once the mail-
box has been successfully transmitted, it will be-
come empty again. The hardware indicates a suc-
cessful transmission by setting the RQCP and
TXOK bits in the MCSR and CTSR registers.
If the transmission fails, the cause is indicated by
the ALST bit in the MCSR register in case of an Ar-
bitration Lost, and/or the TERR bit, in case of
transmission error detection.
Transmit Priority
By Identifier:
When more than one transmit mailbox is pending,
the transmission order is given by the identifier of
the message stored in the mailbox. The message
with the lowest identifier value has the highest pri-
ority according to the arbitration of the CAN proto-
col. If the identifier values are equal, the lower
mailbox number will be scheduled first.
By Transmit Request Order:
The transmit mailboxes can be configured as a
transmit FIFO by setting the TXFP bit in the CMCR
register. In this mode the priority order is given by
the transmit request order.
This mode is very useful for segmented transmis-
sion.
Abort
A transmission request can be aborted by the user
setting the ABRQ bit in the MCSR register. In
pending or scheduled state, the mailbox is abort-
ed immediately. An abort request while the mail-
box is in transmit state can have two results. If the
mailbox is transmitted successfully the mailbox
becomes empty with the TXOK bit set in the
MCSR and CTSR registers. If the transmission
fails, the mailbox becomes scheduled, the trans-
mission is aborted and becomes empty with
TXOK cleared. In all cases the mailbox will be-
come empty again at least at the end of the cur-
rent transmission.
Non-Automatic Retransmission Mode
To configure the hardware in this mode the NART
bit in the CMCR register must be set.
In this mode, each transmission is started only
once. If the first attempt fails, due to an arbitration
loss or an error, the hardware will not automatical-
ly restart the message transmission. At the end of
the first transmission attempt, the hardware con-
siders the request as completed and sets the
RQCP bit in the MCSR register. The result of the
transmission is indicated in the MCSR register by
the TXOK, ALST and TERR bits.
beCAN
CANTX CANRX
Tx
Rx
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com