công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72561R9 bảng dữ liệu(PDF) 173 Page - STMicroelectronics

tên linh kiện ST72561R9
Giải thích chi tiết về linh kiện  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9 bảng dữ liệu(HTML) 173 Page - STMicroelectronics

Back Button ST72561R9 Datasheet HTML 169Page - STMicroelectronics ST72561R9 Datasheet HTML 170Page - STMicroelectronics ST72561R9 Datasheet HTML 171Page - STMicroelectronics ST72561R9 Datasheet HTML 172Page - STMicroelectronics ST72561R9 Datasheet HTML 173Page - STMicroelectronics ST72561R9 Datasheet HTML 174Page - STMicroelectronics ST72561R9 Datasheet HTML 175Page - STMicroelectronics ST72561R9 Datasheet HTML 176Page - STMicroelectronics ST72561R9 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 262 page
background image
ST72561
173/262
beCAN CONTROLLER (Cont’d)
CAN 2.0B Active Core
The beCAN module handles the transmission and
the reception of CAN messages fully autonomous-
ly. Standard identifiers (11-bit) and extended iden-
tifiers (29-bit) are fully supported by hardware.
Control, Status and Configuration Registers
The application uses these registers to:
– Configure CAN parameters, e.g.baud rate
– Request transmissions
– Handle receptions
– Manage interrupts
– Get diagnostic information
Tx Mailboxes
Two transmit mailboxes are provided to the soft-
ware for setting up messages. The Transmission
Scheduler decides which mailbox has to be trans-
mitted first.
Acceptance Filters
The beCAN provides six scalable/configurable
identifier filter banks for selecting the incoming
messages the software needs and discarding the
others.
Receive FIFO
The receive FIFO is used by the CAN controller to
store the incoming messages. Three complete
messages can be stored in the FIFO. The software
always accesses the next available message at
the same address. The FIFO is managed complet-
ly by hardware.
Figure 95. CAN Block Diagram
1
4
5
CAN 2.0B Active Core
Mailbox 0
Transmission
Filter
1
2
3
Mailbox 1
Mailbox 0
1
2
Receive FIFO
Acceptance Filters
Tx Mailboxes
Master Control
Scheduler
Master Status
Transmit Status
Transmit Prio
Receive FiFO
Error Status
Error Int. Enable
Tx Error Counter
Rx Error Counter
Diagnostic
Bit Timing
Filter Master
Filter Config.
Page Select
Interrupt Enable
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com