| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC1G17DBVRG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1G17DBVRG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() SN74LVC1G17 SINGLE SCHMITT TRIGGER BUFFER SCES351N − JUNE 2001 − REVISED OCTOBER 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ NanoStar − WCSP (DSBGA) 0.17-mm Small Bump − YEA SN74LVC1G17YEAR NanoFree − WCSP (DSBGA) 0.17-mm Small Bump − YZA (Pb-free) Reel of 3000 SN74LVC1G17YZAR _ _ _C7_ NanoStar − WCSP (DSBGA) 0.23-mm Large Bump − YEP Reel of 3000 SN74LVC1G17YEPR _ _ _C7_ −40 °C to 85°C NanoFree − WCSP (DSBGA) 0.23-mm Large Bump − YZP (Pb-free) SN74LVC1G17YZPR −40 °C to 85°C NanoFree − WCSP (DSBGA) 0.23-mm Large Bump − YZV (Pb-free) Reel of 3000 SN74LVC1G17YZVR _ _ _ _ C7 SOT (SOT-23) − DBV Reel of 3000 SN74LVC1G17DBVR C17_ SOT (SOT-23) − DBV Reel of 250 SN74LVC1G17DBVT C17_ SOT (SC-70) − DCK Reel of 3000 SN74LVC1G17DCKR C7_ SOT (SC-70) − DCK Reel of 250 SN74LVC1G17DCKT C7_ SOT (SOT-553) − DRL Reel of 4000 SN74LVC1G17DRLR C7_ † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site. YEA/YEP, YZA/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2 has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION TABLE INPUT A OUTPUT Y H H L L logic diagram (positive logic) (DBV, DCK, DRL, YEA, YEP, YZA, and YZP Package) AY 24 logic diagram (positive logic) (YZV Package) AY 13 |