công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSOS404A bảng dữ liệu(PDF) 29 Page - Keysight Technologies

tên linh kiện MSOS404A
Giải thích chi tiết về linh kiện  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A bảng dữ liệu(HTML) 29 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 25Page - Keysight Technologies MSOS404A Datasheet HTML 26Page - Keysight Technologies MSOS404A Datasheet HTML 27Page - Keysight Technologies MSOS404A Datasheet HTML 28Page - Keysight Technologies MSOS404A Datasheet HTML 29Page - Keysight Technologies MSOS404A Datasheet HTML 30Page - Keysight Technologies MSOS404A Datasheet HTML 31Page - Keysight Technologies MSOS404A Datasheet HTML 32Page - Keysight Technologies MSOS404A Datasheet HTML 33Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Take a Quick Look Using Demo Wizard and USB Demo Board
Evaluate using demo wizard waveforms
We’ve captured a variety of signals and measurements to speed
your evaluation of S-Series oscilloscopes. Use the demo wizard to
quickly evaluate the scope’s capability without needing to create
an array of live signals.
Measurement examples
For example, pull up an FFT and note the following: separate
spectral viewer with annotated axis scales; dynamically updated
X and Y marker delta values; a customizable results window that
includes an FFT peak table.
N2867A USB demo board
Plug a mouse, USB drive, or any other device in one side and
connect the other to your oscilloscope USB port. You now have
easy access to a target for quick evaluation or training others on
how to use the scope.
The board routes out D+, D-, 5 V, and ground, so you can use it to
make voltage, current, power, or other measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42