công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSOS104A bảng dữ liệu(PDF) 2 Page - Keysight Technologies

tên linh kiện MSOS104A
Giải thích chi tiết về linh kiện  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS104A bảng dữ liệu(HTML) 2 Page - Keysight Technologies

  MSOS104A Datasheet HTML 1Page - Keysight Technologies MSOS104A Datasheet HTML 2Page - Keysight Technologies MSOS104A Datasheet HTML 3Page - Keysight Technologies MSOS104A Datasheet HTML 4Page - Keysight Technologies MSOS104A Datasheet HTML 5Page - Keysight Technologies MSOS104A Datasheet HTML 6Page - Keysight Technologies MSOS104A Datasheet HTML 7Page - Keysight Technologies MSOS104A Datasheet HTML 8Page - Keysight Technologies MSOS104A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
02 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Welcome to the Next Generation of Oscilloscope Technology
There is no better way to experience
that superiority of the Infiniium
S-Series oscilloscopes than to use one.
Contact Keysight today to request a
demo.
Or visit,
www.keysight.com/find/S-Series
The Infiniium S-Series offers bandwidths from 500 MHz up to 8 GHz. Each model, equipped with a large 15” XGA capacitive touch screen, comes in a
quiet package that is just 9” (23 cm) deep.
Infiniium S-Series oscilloscopes incorporate innovative technology designed to deliver
superior measurements.
Our new 10-bit ADC and low-noise front-end technology work together to provide
up to 8 GHz performance with the industry’s best signal integrity. We put these in an
advanced frame with a solid state drive for fast boot-up, capacitive 15” display for easy
touch capability, and a high-powered motherboard for fast processing. It’s all compatible
with a myriad of Keysight Technologies, Inc. probes and Infiniium applications.
Scope channels
DSO models
4 scope channels
MSO models
4 scope channels +
16 digital channels
Analog
bandwidth
Max sample rate
ADC
bits
Standard memory
depth
User-installed
bandwidth upgrades
DSOS054A
MSOS054A
500 MHz
20 GSa/s (2 channels)
10 GSa/s (4 channels)
10
100 Mpts (2 channels)
50 Mpts (4 channels)
Yes
DSOS104A
MSOS104A
1 GHz
DSOS204A
MSOS204A
2 GHz
DSOS254A
MSOS254A
2.5 GHz
DSOS404A
MSOS404A
4 GHz
DSOS604A
MSOS604A
6 GHz 1
DSOS804A
MSOS804A
8 GHz 1
1. 6 GHz and 8 GHz bandwidth supported in 2-channel mode. If all four channels are on, a maximum bandwidth of 4 GHz is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com