| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSOS054A bảng dữ liệu(PDF) 9 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
MSOS054A bảng dữ liệu(HTML) 9 Page - Keysight Technologies |
|
9 / 42 page ![]() 09 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet FFTs Need to see frequency domain in additional to time domain? The standard spectral viewer includes FFT controls like start/stop RBW and CF/span. Readout includes power and frequency axis annotation and a peak table. Oscilloscope Overview – Frequency Domain Gated FFTs Infiniium supports gated math and analysis including FFTs. Use any of the standard 16 independent gates to narrow FFT computations to a specific time window. Drag the gate in the time domain, and see time correlated FFT measurements for specified time periods. The example at the right shows two simultaneously FFTs. Envelope measurements Need to see the rise time of a burst? Add a rise time measurement to an envelope function that provides an AM demodulation of a burst. With a built-in spectral viewer, controls, gated FFTs, 10-bit ADCs, and excellent SFDR values, the S-Series oscilloscopes provide an excellent scope platform for FFT measurements. |