công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8272CVRP bảng dữ liệu(PDF) 35 Page - Motorola, Inc

tên linh kiện MPC8272CVRP
Giải thích chi tiết về linh kiện  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272CVRP bảng dữ liệu(HTML) 35 Page - Motorola, Inc

Back Button MPC8272CVRP Datasheet HTML 31Page - Motorola, Inc MPC8272CVRP Datasheet HTML 32Page - Motorola, Inc MPC8272CVRP Datasheet HTML 33Page - Motorola, Inc MPC8272CVRP Datasheet HTML 34Page - Motorola, Inc MPC8272CVRP Datasheet HTML 35Page - Motorola, Inc MPC8272CVRP Datasheet HTML 36Page - Motorola, Inc MPC8272CVRP Datasheet HTML 37Page - Motorola, Inc MPC8272CVRP Datasheet HTML 38Page - Motorola, Inc MPC8272CVRP Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
35
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
0000_110
26.8
50.0
8
214.3 400.0
3.5
250.0 466.7
3
71.4
133.3
0000_111
25.0
50.0
8
200.0 400.0
3
240.0 480.0
2.5
80.0
160.0
Full Configuration Modes
0001_001
50.0
50.0
4
200.0 200.0
5
250.0 250.0
4
50.0
50.0
0001_010
41.7
50.0
4
166.7 200.0
6
250.0 300.0
4
41.7
50.0
0001_011
35.7
50.0
4
142.9 200.0
7
250.0 350.0
4
35.7
50.0
0001_100
31.3
50.0
4
125.0 200.0
8
250.0 400.0
4
31.3
50.0
0010_001
25.0
50.0
6
150.0 300.0
3
180.0 360.0
2.5
60.0
120.0
0010_010
29.8
50.0
6
178.6 300.0
3.5
250.0 420.0
2.5
71.4
120.0
0010_011
26.0
50.0
6
156.3 300.0
4
250.0 480.0
2.5
62.5
120.0
0010_100
25.0
50.0
6
150.0 300.0
4.5
270.0 540.0
2.5
60.0
120.0
0011_000
Reserved
0011_001
31.3
50.0
4
125.0 200.0
2.5
104.3 166.7
3
41.7
66.7
0011_010
Reserved
0011_011
46.9
50.0
4
187.5 200.0
4
250.0 266.7
3
62.5
66.7
0011_100
41.7
50.0
4
166.7 200.0
4.5
250.0 300.0
3
55.6
66.7
0100_000
Reserved
0100_001
25.0
50.0
6
150.0 300.0
3
150.0 300.0
3
50.0
100.0
0100_010
35.7
50.0
6
214.3 300.0
3.5
250.0 350.0
3
71.4
100.0
0100_011
31.3
50.0
6
187.5 300.0
4
250.0 400.0
3
62.5
100.0
0100_100
27.8
50.0
6
166.7 300.0
4.5
250.0 450.0
3
55.6
100.0
0101_000
25.0
50.0
5
125.0 250.0
2.5
125.0 250.0
2.5
50.0
100.0
0101_001
25.0
50.0
5
125.0 250.0
3
150.0 300.0
2.5
50.0
100.0
0101_010
35.7
50.0
5
178.6 250.0
3.5
250.0 350.0
2.5
71.4
100.0
0101_011
31.3
50.0
5
156.3 250.0
4
250.0 400.0
2.5
62.5
100.0
0101_100
27.8
50.0
5
138.9 250.0
4.5
250.0 450.0
2.5
55.6
100.0
0101_101
25.0
50.0
5
125.0 250.0
5
250.0 500.0
2.5
50.0
100.0
Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56