| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9510DP bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9510DP bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 19 page ![]() Philips Semiconductors Product data sheet PCA9510; PCA9511 Hot swappable I2C and SMBus bus buffer 2004 Oct 05 10 ABSOLUTE MAXIMUM RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134). Voltages with respect to pin GND. LIMITS SYMBOL PARAMETER MIN. MAX. UNIT VCC Supply voltage range VCC –0.5 +7 V Vn SDAIN, SCLIN, SDAOUT, SCLOUT, READY, ENABLE –0.5 +7 V II Maximum current for inputs – ±20 mA IIO Maximum current for I/O pins – ±50 mA Topr Operating temperature range –40 +85 °C Tstg Storage temperature range –65 +125 °C Tsld Lead soldering temperature (10 sec max) – +300 °C Tj(max) Maximum junction temperature – +125 °C NOTE: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. |