| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89C668 bảng dữ liệu(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C668 bảng dữ liệu(HTML) 23 Page - NXP Semiconductors |
|
23 / 89 page ![]() Philips Semiconductors Product data P89C660/P89C662/P89C664/ P89C668 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM 2002 Oct 28 23 S SLA WA A DATA P or S A 60H 80H 68H RECEPTION OF THE OWN SLAVE ADDRESS AND ONE OR MORE DATA BYTES ALL ARE ACKNOWLEDGED. LAST DATA BYTE RECEIVED IS NOT ACKNOWLEDGED ARBITRATION LOST AS MST AND ADDRESSED AS SLAVE RECEPTION OF THE GENERAL CALL ADDRESS AND ONE OR MORE DATA BYTES LAST DATA BYTE IS NOT ACKNOWLEDGED ARBITRATION LOST AS MST AND ADDRESSED AS SLAVE BY GENERAL CALL A n FROM MASTER TO SLAVE FROM SLAVE TO MASTER ANY NUMBER OF DATA BYTES AND THEIR ASSOCIATED ACKNOWLEDGE BITS THIS NUMBER (CONTAINED IN S1STA) CORRESPONDS TO A DEFINED STATE OF THE I2C BUS. SEE TABLE 6. Data A SLA DATA 80H A0H A 88H P or S GENERAL CALL AA DATA P or S 70H 90H 78H A DATA 90H A0H A 98H P or S A SU00973 Figure 10. Format and States in the Slave Receiver mode |