| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89C660 bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C660 bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 89 page ![]() Philips Semiconductors Product data P89C660/P89C662/P89C664/ P89C668 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM 2002 Oct 28 22 S SLA RA DATA P S SLA R A P 08H 40H 50H W 38H A or A OTHER MST CONTINUES OTHER MST CONTINUES 38H 48H 68H 78H 80H OTHER MST CONTINUES A MR 10H TO MST/TRX MODE ENTRY = MT TO CORRESPONDING STATES IN SLAVE MODE SUCCESSFUL RECEPTION FROM A SLAVE TRANSMITTER NEXT TRANSFER STARTED WITH A REPEATED START CONDITION NOT ACKNOWLEDGE RECEIVED AFTER THE SLAVE ADDRESS ARBITRATION LOST IN SLAVE ADDRESS OR ACKNOWLEDGE BIT ARBITRATION LOST AND ADDRESSED AS SLAVE n FROM MASTER TO SLAVE FROM SLAVE TO MASTER ANY NUMBER OF DATA BYTES AND THEIR ASSOCIATED ACKNOWLEDGE BITS THIS NUMBER (CONTAINED IN S1STA) CORRESPONDS TO A DEFINED STATE OF THE I2C BUS. SEE TABLE 5. A DATA A 58H A DATA A SU00972 Figure 9. Format and States in the Master Receiver Mode |