| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS96F172MJ/883 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F172MJ/883 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 12 page ![]() Parameter Measurement Information (Continued) Note 10: The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, duty cycle = 50%,tr ≤ 5.0 ns, tf ≤ 5.0 ns, ZO =50Ω. Note 11: CL includes probe and jig capacitance. Note 12: DS96F172 with active high and active low Enables is shown. DS96F174 has active high Enable only. Note 13: To test the active low Enable E of DS96F172 ground E and apply an inverted waveform to E . DS96F174 has active high Enable only. Note 14: For more information see Application Bulletin, Contact Product Marketing. Note 15: Not tested for DS96F172MW-MIL device. DS009625-4 DS009625-5 FIGURE 3. Differential Output Delay and Transition Times DS009625-6 DS009625-7 FIGURE 4. Propagation Delay Times DS009625-8 DS009625-9 FIGURE 5. t ZH and tHZ DS009625-10 DS009625-11 FIGURE 6. t ZL,tLZ,tLZL www.national.com 6 |