| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSV14196WM bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DSV14196WM bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 9 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) +7V Supply Voltage (V +) +15V Supply Voltage (V −) −15V Driver Input Voltage 0V to V CC Driver Output Voltage (Power Off) ±15V Receiver Input Voltage ±25V Receiver Output Voltage (R OUT) 0VtoV CC Maximum Power Package Dissipation @ +25˚C M Package 1524 mW Derate M Package 12.2 mW/˚C above 25˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature Range (Soldering, 4 sec.) +260˚C ESD Ratings (HBM. 1.5 k Ω, 100 pF) ≥1.5 kV Recommended Operating Conditons Min Nom Max Units Supply Voltage (V CC) +3.0 +3.3 +3.6 V Supply Voltage (V +) +9.0 +12.0 +13.2 V Supply Voltage (V −) −13.2 −12.0 −9.0 V Operating Free Air Temperature (T A) DSV14196 0 +25 +70 ˚C DSV14196T −40 +25 +85 ˚C Electrical Characteristics(Note 2) (Note 3) DSV14196 Over recommended operating supply and temperature ranges unless otherwise specified Symbol Parameter Conditions Min Typ Max Units DEVICE CHARACTERISTICS I CC V CC Supply Current No Load, All Inputs at +3.3V 8 16 mA I + V + Supply Current No Load, All Driver Inputs at 0.8V or +2V. All Receiver Inputs at 0.7V or 2.4V. V + = +9V, V− = −9V 16 26 mA V + = +13.2V, V− = −13.2V 23 36 mA I − V − Supply Current V + = +9V, V− = −9V −18 −26 mA V + = +13.2V, V− = −13.2V −25 −36 mA DRIVER CHARACTERISTICS V IH High Level Input Voltage 2.0 V V IL Low Level Input Voltage 0.8 V I IH High Level Input Current V IN = 3.3V 10 µA I IL Low Level Input Current V IN = 0V −1.1 −1.5 mA V OH High Level Output Voltage R L = 3kΩ,VIN = 0.8V, V + = +9V, V− = −9V 6 7 V R L = 3kΩ,VIN = 0.8V, V + = +12V, V− = −12V 8 9 V R L = 7kΩ,VIN = 0.8V, V + = +13.2V, V− = −13.2V 10 11.5 V V OL Low Level Output Voltage R L = 3kΩ,VIN = 2V, V + = +9V, V− = −9V −7 −6 V R L = 3kΩ,VIN = 2V, V + = +12V, V− = −12V −10 −8 V R L = 7kΩ,VIN = 2V, V + = +13.2V, V− = −13.2V −11.5 −10 V I OS+ Output High Short V OUT = 0V, VIN = 0.8V −6 −12 −18 mA Circuit Current (Note 4) I OS− Output Low Short V OUT = 0V, VIN = 2.0V 6 12 18 mA Circuit Current (Note 4) R O Output Resistance −2V ≤ V OUT ≤ +2V, V + = V− = V CC = 0V 300 Ω −2V ≤ V OUT ≤ +2V, V + = V− = V CC = Open Circuit 300 Ω www.national.com 2 |