| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASPI0428S bảng dữ liệu(PDF) 3 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ASPI0428S bảng dữ liệu(HTML) 3 Page - Abracon Corporation |
|
3 / 3 page ![]() |||||||||||| | | | ASPI-0428S Pb RoHS Compliant OUTLINE DRAWING: LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE) TAPE & REEL: REFLOW PROFILE: Part# A B C D E F 0.185±0.012 0.185±0.012 0.118 Max 0.075 ref. 0.059 ref. 0.209 re f. ASPI-0428S-xxx (4.7± 0.3) (4.7± 0.3) (3.0) max. (1.9) ref. (1.5) ref. (5.3) ref. SMD SHIELDED POWER INDUCTORS Dimension : Inches (mm) Dimension : mm Part# A B C D ASPI-0428S-xxx 12.5± 0.5 100± 0.5 13.2± 0.3 330± 1.0 Part# A0 B0 K0 P P0 P2 5.2± 0.1 5.2± 0.1 3.2± 0.1 8.0± 0.1 4.0± 0.1 2.0± 0.1 W F E D0 D1 ASPI-0428S-xxx 12± 0.3. 5.5± 0.05 1.75±0.1 1.5 min. 1.5 min. ASPI-0428S ABRACON IS ISO 9001 / QS 9000 CERTIFIED ABRACON IS CERTIFIED ISO 9001:2008 30332Esperanza, Rancho Santa Margarita, California 9268 tel 949-546-8000| fax 949-546-8001 | www.abracon.com Revised: 01.11.11 Visit www.abracon.com for Terms & Conditions of Sale Tape and reel 2,000pcs/reel ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information. |