| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8247CZQ bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247CZQ bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
|
2 / 56 page ![]() 2 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Overview Overview 1 Overview Table 1 shows the functionality supported by each device in the MPC8272 family. Devices in the MPC8272 family are available in two packages—the VR or ZQ package—as shown in Table 2. For package ordering information, refer to Section 10, “Ordering Information.” Figure 1 shows the block diagram of the MPC8272. Table 1. MPC8272 PowerQUICC II Family Functionality Functionality Devices MPC8272 MPC8248 MPC8271 MPC8247 Package 1 1 Refer to Table 2. 516 PBGA Serial communications controllers (SCCs) 3333 QUICC multi-channel controller (QMC) Yes Yes Yes Yes Fast communication controllers (FCCs) 2222 I-Cache (Kbyte) 16 16 16 16 D-Cache (Kbyte) 16 16 16 16 Ethernet (10/100) 2222 UTOPIA II Ports 1010 Multi-channel controllers (MCCs) 0000 PCI bridge Yes Yes Yes Yes Transmission convergence (TC) layer — — — — Inverse multiplexing for ATM (IMA) — — — — Universal serial bus (USB) 2.0 full/low rate 1111 Security engine (SEC) Yes Yes — — Table 2. MPC8272 PowerQUICC II Device Packages Code (Package) VR (516 PBGA—Lead free) ZQ (516 PBGA—Lead spheres) Device MPC8272VR MPC8272ZQ MPC8248VR MPC8248ZQ MPC8271VR MPC8271ZQ MPC8247VR MPC8247ZQ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |