| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 316 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 316 Page - Mitsubishi Electric Semiconductor |
|
316 / 355 page ![]() 3-68 APPENDIX 38B5 Group User’s Manual 3.6 Mask ROM confirmation form 740 FAMILY MASK ROM CONFIRMATION FORM SINGLE-CHIP MICROCOMPUTER M38B57M6-XXXFP MITSUBISHI ELECTRIC GZZ-SH54-19B<88A1> Mask ROM number We recommend the use of the following pseudo-command to set the start address of the assembler source program be- cause ASCII codes of the product name are written to addresses 000016 to 000816 of EPROM. EPROM type The pseudo-command Note : If the name of the product written to the EPROMs does not match the name of the mask confirmation form, the ROM will not be processed. 27512 *= $0000 .BYTE ‘M38B57M6–’ (2/2) g 2. Mark specification Mark specification must be submitted using the correct form for the package being ordered. Fill out the appropriate mark specification form (80P6N) and attach it to the mask ROM confirmation form. g 3. Usage conditions Please answer the following questions about usage for use in our product inspection : (1) How will you use the XIN-XOUT oscillator? At what frequency? f(XIN) = Ceramic resonator External clock input Quartz crystal Other ( ) MHz g 4. Comments (2) How will you use the XCIN-XCOUT oscillator? At what frequency? f(XCIN) = Ceramic resonator External clock input Quartz crystal Other ( ) kHz |