| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 288 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 288 Page - Mitsubishi Electric Semiconductor |
|
288 / 355 page ![]() 3-40 APPENDIX 38B5 Group User’s Manual 3.5 Control registers Fig. 3.5.14 Structure of serial I/O1 register/Transfer counter •In 8-bit serial I/O mode: Serial I/O1 register •In automatic transfer serial I/O mode: Transfer counter Serial I/O1 register/Transfer counter b7 b6 b5 b4 b3 b2 b1 b0 Serial I/O1 register/Transfer counter (SIO1: address 1B16) b 0 1 2 3 4 5 6 7 Name Undefined Functions At reset R W Undefined Undefined Undefined Undefined Undefined Undefined Undefined •At function as serial I/O1 register: This register becomes the shift register to perform serial transmit/reception. Set transmit data to this register. The serial transfer is started by writing the transmit data. •At function as transfer counter: Set (transfer byte number – 1) to this register. When selecting an internal clock, the automatic transfer is started by writing the transmit data. (When selecting an external clock, after writing a value to this register, wait for 5 or more cycles of the internal system clock before inputting the transfer clock to the SCLK1 pin.) |