| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 237 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 237 Page - Mitsubishi Electric Semiconductor |
|
237 / 355 page ![]() 38B5 Group User’s Manual APPLICATION 2-149 2.10 Reset circuit 2.10 Reset circuit ____________ The reset state is caused by applying an “L” level to the RESET pin. After that, the reset state is released ____________ by applying an “H” level to the RESET pin, so that the program is executed in the middle-speed mode from the contents of the reset vector address. 2.10.1 Connection example of reset IC Figure 2.10.1 shows the example of power-on reset circuit. Figure 2.10.2 shows the system example which switches to the RAM backup mode by detecting a drop of the system power source voltage with the INT interrupt. Fig. 2.10.1 Example of power-on reset circuit Fig. 2.10.2 RAM backup system example VCC RESET VSS M62022L GND 38B5 Group Power source 0.1 µF Output Delay capacity VCC RESET INT RESET INT Cd VCC1 VCC2 V1 GND M62009L, M62009P, M62009FP 38B5 Group VSS System power source voltage +5V |