| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 223 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 223 Page - Mitsubishi Electric Semiconductor |
|
223 / 355 page ![]() 38B5 Group User’s Manual APPLICATION 2-135 2.6 PWM Fig. 2.6.8 PWM0 output Control procedure: PWM waveform is output to the external by setting relevant registers shown Figure 2.6.6. This PWM0 output is integrated through the low pass filter and converted into DC signals for control of the VS tuner. Figure 2.6.7 shows the control procedure. Fig. 2.6.7 Control procedure 2.6.4 Notes on use q For PWM0 output, “L” level is output first. q After data is set to the PWM register (low-order) and the PWM register (high-order), PWM waveform corresponding to new data is output from next repetitive cycle. PWMH (address 001416) PWML (address 001516) Data to be output After setting data, PWM waveform corresponding to the new data is output from the next repetitive cycle. PWMCON (address 002616), bit 0 1 The P87/PWM0/FLD39 pin is set to the PWM output pin. PWM0 output data change Modified data is output from next repetitive cycle. |