| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 144 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 144 Page - Mitsubishi Electric Semiconductor |
|
144 / 355 page ![]() 2-56 38B5 Group User’s Manual APPLICATION 2.3 Serial I/O Fig. 2.3.29 Serial I/O2 connection examples (1) 2.3.6 Serial I/O2 connection examples (1) Control of peripheral IC equipped with CS pin Figure 2.3.29 shows connection examples with peripheral ICs equipped with the CS pin. Port SCLK21 TxD RxD CS CLK IN OUT Port SCLK21 TxD CS CLK DATA (1) Only transmission (Using RxD pin as I/O port) Port SCLK21 TxD RxD CS CLK IN OUT Port SCLK21 TxD RxD Port CS CLK IN OUT CS CLK IN OUT 38B5 group Peripheral IC (OSD controller etc.) (2) Transmission and reception 38B5 group Peripheral IC (EEPROM etc.) (3) Transmission and reception (When connecting RxD with TxD) (When connecting IN with OUT in peripheral IC) 38B5 group V1 Peripheral IC V2 (EEPROM etc.) (4) Connection of plural IC 38B5 group Peripheral IC 1 Peripheral IC 2 V1: Select an N-channel open-drain output for TxD pin output control. V2: Use the OUT pin of peripheral IC which is an N- channel open-drain output and becomes high impe- dance during receiving data. Note: “Port” means an output port controlled by software. |