| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 135 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 135 Page - Mitsubishi Electric Semiconductor |
|
135 / 355 page ![]() 38B5 Group User’s Manual APPLICATION 2-47 2.3 Serial I/O 2.3.3 Serial I/O1 connection examples (1) Control of peripheral IC equipped with CS pin Figure 2.3.17 shows connection examples with peripheral ICs equipped with the CS pin. All examples can use the automatic transfer function. Fig. 2.3.17 Serial I/O1 connection examples (1) SBUSY1 SCLK11 SOUT1 SIN1 CS CLK IN OUT SBUSY1 SCLK11 SOUT1 CS CLK DATA (1) Only transmission (Using SIN1 pin as I/O port) SBUSY1 SCLK11 SOUT1 SIN1 CS CLK IN OUT Port SCLK11 SOUT1 SIN1 Port CS CLK IN OUT CS CLK IN OUT 38B5 group Peripheral IC (OSD controller etc.) (2) Transmission and reception 38B5 group Peripheral IC (EEPROM etc.) (3) Transmission and reception (When connecting SIN1 with SOUT1) (When connecting IN with OUT in peripheral IC) 38B5 groupV1 Peripheral IC V2 (EEPROM etc.) (4) Connection of plural IC 38B5 group Peripheral IC 1 Peripheral IC 2 V1: Select an N-channel open-drain output for SOUT1 pin output control. V2: Use the OUT pin of peripheral IC which is an N- channel open-drain output and becomes high impe- dance during receiving data. Note: “Port” means an output port controlled by software. |