| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 128 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 128 Page - Mitsubishi Electric Semiconductor |
|
128 / 355 page ![]() 2-40 38B5 Group User’s Manual APPLICATION 2.3 Serial I/O Serial I/O1 control register 3 b7 b6 b5 b4 b3 b2 b1 b0 Serial I/O1 control register 3 (SIO1CON3 • SC13: address 1C16) b 0 0 Functions Name At reset R W 1 2 3 4 5 0 6 0 7 0 Automatic transfer interval set bits (valid only when selecting internal synchronous clock) 0 0 0 0 0: 2 cycles of transfer clock 0 0 0 0 1: 3 cycles of transfer clock to 1 1 1 1 0: 32 cycles of transfer clock 1 1 1 1 1: 33 cycles of transfer clock Data is written into the latch and read from the decrement counter. 0 0 0 : f(XIN)/4 or f(XCIN)/8 0 0 1 : f(XIN)/8 or f(XCIN)/16 0 1 0 : f(XIN)/16 or f(XCIN)/32 0 1 1 : f(XIN)/32 or f(XCIN)/64 1 0 0 : f(XIN)/64 or f(XCIN)/128 1 0 1 : f(XIN)/128 or f(XCIN)/256 1 1 0 : f(XIN)/256 or f(XCIN)/512 1 1 1 : Not used 0 0 0 0 Internal synchronous clock selection bits b4b3b2b1b0 b7b6b5 Fig. 2.3.6 Structure of Serial I/O1 control register 3 |