| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 119 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 119 Page - Mitsubishi Electric Semiconductor |
|
119 / 355 page ![]() 38B5 Group User’s Manual APPLICATION 2-31 2.2 Timer RTI (A) Measurement result (high-order 8 bits) (A) Measurement result (low-order 8 bits) TXL(address 2C16) TXH(address 2D16) TXH ( A) TXL (A) FF16 FF16 FFFF16 000016 Count start of Timer X T1 value: Valid CNTR2 T1 T2 FFFF16 000016 CNTR2 T1 T2 Timer 2 interrupt process routine (Note 1) CLT (Note 2) CLD (Note 3) Push registers to stack Pop registers Notes 2: When using Index X mode flag (T) 3: When using Decimal mode flag (D) •Pushing registers used in interrupt process routine •Popping registers pushed to stack •Count value read and storing it to RAM Note 1: The first value becomes invalid depending on start timing of Time X count shown by the following figure. Process it by software as necessary. [ Example 1] • Start Timer X count when CNTR2 input level is “L”. (CNTR2 input level can be checked by reading the contents of sharing port P61 register. Timer 2 interrupt T2 value: Valid Timer 2 interrupt [ Example 2] • Start Timer X count when CNTR2 input level is “H”. Invalidate the first Timer 2 interrupt after start of Timer X count. Count start of Timer X T1 value: Invalid Timer 2 interruptTimer 2 interrupt T2 value: Valid |