| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 347 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 347 Page - Mitsubishi Electric Semiconductor |
|
347 / 355 page ![]() 38B5 Group User’s Manual 3-99 APPENDIX 3.12 M35501FP POWER-ON RESET Reset can be performed automatically during power on (power-on reset) by the built-in power-on reset circuit. When using this cir- cuit, set 100 µs or less for the period in which it takes to reach minimum operation guaranteed voltage from reset. If the rising time exceeds 100 µs, connect the capacitor between the RESET pin and VSS at the shortest distance. Consequently, the RESET pin should be held at “L” until the minimum operation guaranteed voltage is reached. Fig. 3.12.12 Power-on reset circuit Power-on reset circuit Pull-up transistor RESET pin (Note) VDD Internal reset signal Power-on Applied voltage to the RESET pin must be VDD or less. Note: This symbol represents a parasitic diode. Reset released Power-on reset circuit output voltage Reset state |