| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 330 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 330 Page - Mitsubishi Electric Semiconductor |
|
330 / 355 page ![]() Addressing mode Symbol Function Details IMP IMM A BIT, A ZP BIT, ZP OP n # OP n # OP n # OP n # OP n # OP n # 3-82 APPENDIX 38B5 Group User’s Manual 3.11 Machine instructions This instruction takes a branch to the ap- pointed address if N is 0. The branch address is specified by a relative address. If N is 1, the next instruction is executed. This instruction branches to the appointed ad- dress. The branch address is specified by a relative address. When the BRK instruction is executed, the CPU pushes the current PC contents onto the stack. The BADRS designated in the interrupt vector table is stored into the PC. This instruction takes a branch to the ap- pointed address if V is 0. The branch address is specified by a relative address. If V is 1, the next instruction is executed. This instruction takes a branch to the ap- pointed address when V is 1. The branch address is specified by a relative address. When V is 0, the next instruction is executed. This instruction clears the designated bit i of A or M. This instruction clears C. This instruction clears D. This instruction clears I. This instruction clears T. This instruction clears V. When T = 0, this instruction subtracts the con- tents of M from the contents of A. The result is not stored and the contents of A or M are not modified. When T = 1, the CMP subtracts the contents of M from the contents of M(X). The result is not stored and the contents of X, M, and A are not modified. M(X) represents the contents of memory where is indicated by X. This instruction takes the one’s complement of the contents of M and stores the result in M. This instruction subtracts the contents of M from the contents of X. The result is not stored and the contents of X and M are not modified. This instruction subtracts the contents of M from the contents of Y. The result is not stored and the contents of Y and M are not modified. This instruction subtracts 1 from the contents of A or M. BPL (Note 4) BRA BRK BVC (Note 4) BVS (Note 4) CLB CLC CLD CLI CLT CLV CMP (Note 3) COM CPX CPY DEC N = 0? PC ← PC ± offset B ← 1 (PC) ← (PC) + 2 M(S) ← PCH S ← S – 1 M(S) ← PCL S ← S – 1 M(S) ← PS S ← S – 1 I ← 1 PCL ← ADL PCH ← ADH V = 0? V = 1? Ai or Mi ← 0 C ← 0 D ← 0 I ← 0 T ← 0 V ← 0 When T = 0 A – M When T = 1 M(X) – M __ M ← M X – M Y – M A ← A – 1 or M ← M – 1 18 D8 58 12 B8 2 2 2 2 2 1 1 1 1 1 C9 E0 C0 2 2 2 2 2 2 1A 2 1 1B + 20i C5 44 E4 C4 C6 3 5 3 3 5 2 2 2 2 2 1F + 20i 21 52 00 7 1 |