| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8247CVR bảng dữ liệu(PDF) 31 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247CVR bảng dữ liệu(HTML) 31 Page - Motorola, Inc |
|
31 / 56 page ![]() 31 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Clock Configuration Modes Clock Configuration Modes Table 17. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2 Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Default Modes (MODCK_H=0000 0000_000 50.0 66.7 2 100.0 133.3 2.5 125.0 166.7 2 50.0 66.7 0000_001 50.0 66.7 2 100.0 133.3 3 150.0 200.0 2 50.0 66.7 0000_010 50.0 66.7 3 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0000_011 62.5 66.7 3 187.5 200.0 4 250.0 266.6 3 62.5 66.7 0000_100 50.0 66.7 3 150.0 200.0 3 180.0 240.0 2.5 60.0 80.0 0000_101 59.5 66.7 3 178.6 200.0 3.5 250.0 280.0 2.5 71.4 80.0 0000_110 53.6 66.7 4 214.3 266.6 3.5 250.0 311.1 3 71.4 88.9 0000_111 50.0 66.7 4 200.0 266.6 3 240.0 320.0 2.5 80.0 106.7 Full Configuration Modes 0001_001 Reserved 0001_010 Reserved 0001_011 Reserved 0001_100 62.5 66.7 2 125.0 133.3 8 250.0 266.6 4 31.3 33.3 0010_001 50.0 66.7 3 150.0 200.0 3 180.0 240.0 2.5 60.0 80.0 0010_010 59.5 66.7 3 178.6 200.0 3.5 250.0 280.0 2.5 71.4 80.0 0010_011 52.1 66.7 3 156.3 200.0 4 250.0 320.0 2.5 62.5 80.0 0010_100 50.0 66.7 3 150.0 200.0 4.5 270.0 360.0 2.5 60.0 80.0 0011_000 Reserved 0011_001 Reserved 0011_010 Reserved 0011_011 Reserved 0011_100 Reserved 0100_000 Reserved 0100_001 50.0 66.7 3 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0100_010 Reserved 0100_011 62.5 66.7 3 187.5 200.0 4 250.0 266.6 3 62.5 66.7 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |