| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F423IPM bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F423IPM bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 39 page ![]() MSP430F42x MIXED SIGNAL MICROCONTROLLER SLAS421 − APRIL 2004 25 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature (unless otherwise noted) (continued) DCO PARAMETER TEST CONDITIONS VCC MIN TYP MAX UNIT f(DCOCLK) N(DCO)=01E0h, FN_8=FN_4=FN_3=FN_2=0, D = 2; DCOPLUS= 0 3 V 1 MHz f(DCO2) FN_8=FN_4=FN_3=FN_2=0 ; DCOPLUS = 1 3 V 0.3 0.7 1.3 MHz f(DCO27) FN_8=FN_4=FN_3=FN_2=0; DCOPLUS = 1, (see Note 1) 3 V 2.7 6.1 11.3 MHz f(DCO2) FN_8=FN_4=FN_3=0, FN_2=1; DCOPLUS = 1 3 V 0.8 1.5 2.5 MHz f(DCO27) FN_8=FN_4=FN_3=0, FN_2=1; DCOPLUS = 1, (see Note 1) 3 V 6.5 12.1 20 MHz f(DCO2) FN_8=FN_4=0, FN_3= 1, FN_2=x; DCOPLUS = 1 3 V 1.3 2.2 3.5 MHz f(DCO27) FN_8=FN_4=0, FN_3= 1, FN_2=x; DCOPLUS = 1, (see Note 1) 3 V 10.3 17.9 28.5 MHz f(DCO2) FN_8=0, FN_4= 1, FN_3= FN_2=x; DCOPLUS = 1 3 V 2.1 3.4 5.2 MHz f(DCO27) FN_8=0, FN_4=1, FN_3= FN_2=x; DCOPLUS = 1, (see Note 1) 3 V 16 26.6 41 MHz f(DCO2) FN_8=1, FN_4=FN_3=FN_2=x; DCOPLUS = 1 3 V 4.2 6.3 9.2 MHz f(DCO27) FN_8=1,FN_4=FN_3=FN_2=x; DCOPLUS = 1, (see Note 1) 3 V 30 46 70 MHz Sn Step size between adjacent DCO taps: 1 < TAP ≤ 20 1.06 1.11 Sn Step size between adjacent DCO taps: Sn = fDCO(Tap n+1) / fDCO(Tap n), (see Figure 12 for taps 21 to 27) TAP = 27 1.07 1.17 Dt Temperature drift, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0 D = 2; DCOPLUS = 0, (see Note 2) 3 V –0.2 –0.3 –0.4 % /_C DV Drift with VCC variation, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0 D = 2; DCOPLUS = 0 (see Note 2) 0 5 15 %/V NOTES: 1. Do not exceed the maximum system frequency. 2. This parameter is not production tested. TA − °C VCC − V f (DCO) f (DCO20 5C) f (DCO) f (DCO3V) 1.8 3.0 2.4 3.6 1.0 20 60 40 85 1.0 0 −20 −40 0 Figure 11. DCO Frequency vs Supply Voltage VCC and vs Ambient Temperature |