công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EN6347QA bảng dữ liệu(PDF) 21 Page - Altera Corporation

tên linh kiện EN6347QA
Giải thích chi tiết về linh kiện  Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EN6347QA bảng dữ liệu(HTML) 21 Page - Altera Corporation

Back Button EN6347QA Datasheet HTML 17Page - Altera Corporation EN6347QA Datasheet HTML 18Page - Altera Corporation EN6347QA Datasheet HTML 19Page - Altera Corporation EN6347QA Datasheet HTML 20Page - Altera Corporation EN6347QA Datasheet HTML 21Page - Altera Corporation EN6347QA Datasheet HTML 22Page - Altera Corporation EN6347QA Datasheet HTML 23Page - Altera Corporation EN6347QA Datasheet HTML 24Page - Altera Corporation EN6347QA Datasheet HTML 25Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
EN6347QA
www.altera.com/enpirion, Page 21
Layout Recommendation
Figure 9 shows critical components and layer 1
traces of a typical EN6347QA layout with
ENABLE tied to VIN in PWM mode. Alternate
ENABLE configurations, and other small signal
pins
need
to
be
connected
and
routed
according to specific customer application.
Please see the Gerber files on the Altera
website
www.altera.com/enpirion
for
exact
dimensions and other layers. Please refer to
this
Figure
while
reading
the
layout
recommendations in this section.
Recommendation 1: Input and output filter
capacitors should be placed on the same side
of the PCB, and as close to the EN6347QA
package
as
possible.
They
should
be
connected to the device with very short and
wide traces. Do not use thermal reliefs or
spokes when connecting the capacitor pads to
the respective nodes. The +V and GND traces
between the capacitors and the EN6347QA
should be as close to each other as possible
so that the gap between the two nodes is
minimized, even under the capacitors.
Recommendation 2: Three PGND pins are
dedicated to the input circuit, and three to the
output circuit. The slit in Figure 9 separating
the input and output GND circuits helps
minimize noise coupling between the converter
input and output switching loops.
Recommendation
3:
The
system
ground
plane should be the first layer immediately
below the surface layer. This ground plane
should be continuous and un-interrupted below
the converter and the input/output capacitors.
Please see the Gerber files on the Altera
website www.altera.com/enpirion.
Recommendation 4: The large thermal pad
underneath the component must be connected
to the system ground plane through as many
vias as possible.
Figure 9: Top PCB Layer Critical Components and
Copper for Minimum Footprint
The drill diameter of the vias should be
0.33mm, and the vias must have at least 1 oz.
copper plating on the inside wall, making the
finished hole size around 0.20-0.26mm. Do not
use thermal reliefs or spokes to connect the
vias to the ground plane. This connection
provides the path for heat dissipation from the
converter.
Recommendation 5: Multiple small vias (the
same size as the thermal vias discussed in
recommendation 4 should be used to connect
ground terminal of the input capacitor and
output capacitors to the system ground plane.
It is preferred to put these vias under the
capacitors along the edge of the GND copper
closest to the +V copper. Please see Figure 9.
These vias connect the input/output filter
capacitors to the GND plane, and help reduce
parasitic inductances in the input and output
current loops. If the vias cannot be placed
under CIN and COUT, then put them just outside
the capacitors along the GND slit separating
the two components. Do not use thermal reliefs
or spokes to connect these vias to the ground
plane.
Recommendation 6: AVIN is the power supply
for the internal small-signal control circuits. It
should be connected to the input voltage at a
quiet point. In Figure 9 this connection is made
at
the
input
capacitor
close
to
the
VIN
10318
June 26, 2015
Rev G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com