công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EN6337QI bảng dữ liệu(PDF) 21 Page - Altera Corporation

tên linh kiện EN6337QI
Giải thích chi tiết về linh kiện  Integrated Inductor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EN6337QI bảng dữ liệu(HTML) 21 Page - Altera Corporation

Back Button EN6337QI Datasheet HTML 15Page - Altera Corporation EN6337QI Datasheet HTML 16Page - Altera Corporation EN6337QI Datasheet HTML 17Page - Altera Corporation EN6337QI Datasheet HTML 18Page - Altera Corporation EN6337QI Datasheet HTML 19Page - Altera Corporation EN6337QI Datasheet HTML 20Page - Altera Corporation EN6337QI Datasheet HTML 21Page - Altera Corporation EN6337QI Datasheet HTML 22Page - Altera Corporation EN6337QI Datasheet HTML 23Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
EN6337QI
www.altera.com/enpirion, Page 21
Design Considerations for Lead-Frame Based Modules
Exposed Metal on Bottom of Package
Lead-frames offer many advantages in thermal performance, in reduced electrical lead resistance, and in
overall foot print. However, they do require some special considerations.
In the assembly process lead frame construction requires that, for mechanical support, some of the lead-frame
cantilevers be exposed at the point where wire-bond or internal passives are attached. This results in several
small pads being exposed on the bottom of the package, as shown in Figure 11.
Only the thermal pad and the perimeter pads are to be mechanically or electrically connected to the PC board.
The PCB top layer under the EN6337QI should be clear of any metal (copper pours, traces, or vias) except for
the thermal pad. The “shaded-out” area in Figure 11 represents the area that should be clear of any metal on
the top layer of the PCB. Any layer 1 metal under the shaded-out area runs the risk of undesirable shorted
connections even if it is covered by soldermask.
The solder stencil aperture should be smaller than the PCB ground pad. This will prevent excess solder from
causing bridging between adjacent pins or other exposed metal under the package.
Figure 11: Lead-Frame exposed metal (Bottom View)
Shaded area highlights exposed metal that is not to be mechanically or electrically connected to the PCB.
05800
June 26, 2015
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com