công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M25P16-VMF6TG bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện M25P16-VMF6TG
Giải thích chi tiết về linh kiện  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TG bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button M25P16-VMF6TG Datasheet HTML 19Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 20Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 21Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 23Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 24Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 25Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 26Page - STMicroelectronics M25P16-VMF6TG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23/39
M25P16
Bulk Erase (BE)
The Bulk Erase (BE) instruction sets all bits to 1
(FFh). Before it can be accepted, a Write Enable
(WREN) instruction must previously have been ex-
ecuted. After the Write Enable (WREN) instruction
has been decoded, the device sets the Write En-
able Latch (WEL).
The Bulk Erase (BE) instruction is entered by driv-
ing Chip Select (S) Low, followed by the instruction
code on Serial Data Input (D). Chip Select (S)
must be driven Low for the entire duration of the
sequence.
The instruction sequence is shown in Figure 18..
Chip Select (S) must be driven High after the
eighth bit of the instruction code has been latched
in, otherwise the Bulk Erase instruction is not exe-
cuted. As soon as Chip Select (S) is driven High,
the self-timed Bulk Erase cycle (whose duration is
tBE) is initiated. While the Bulk Erase cycle is in
progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit.
The Write In Progress (WIP) bit is 1 during the self-
timed Bulk Erase cycle, and is 0 when it is com-
pleted. At some unspecified time before the cycle
is completed, the Write Enable Latch (WEL) bit is
reset.
The Bulk Erase (BE) instruction is executed only if
all Block Protect (BP2, BP1, BP0) bits are 0. The
Bulk Erase (BE) instruction is ignored if one, or
more, sectors are protected.
Figure 18. Bulk Erase (BE) Instruction Sequence
C
D
AI03752D
S
2
1
34567
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com