| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5525-AP bảng dữ liệu(PDF) 6 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5525-AP bảng dữ liệu(HTML) 6 Page - Cirrus Logic |
|
6 / 29 page ![]() CS5525 CS5526 6 DS202F3 SWITCHING CHARACTERISTICS (T A = 25 °C; VA+ = 5 V ±5%; VD+ = 3.0 V ±10% or 5 V ±5%; Input Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50 pF.)) Notes: 19. Device parameters are specified with a 32.768 kHz clock; however, clocks up to 100 kHz can be used for increased throughput. 20. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF. 21. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source. 22. Applicable when SCLK is continuously running. Parameter Symbol Min Typ Max Unit Master Clock Frequency (Note 19) Internal Clock External Clock XIN 30 30 32.768 32.768 36 100 kHz Master Clock Duty Cycle 40 - 60 % Rise Times (Note 20) Any Digital Input Except SCLK SCLK Any Digital Output trise - - - - - 50 1.0 100 - µs µs ns Fall Times (Note 20) Any Digital Input Except SCLK SCLK Any Digital Output tfall - - - - - 50 1.0 100 - µs µs ns Start-up Oscillator Start-up Time XTAL = 32.768 kHz (Note 21) tost - 500 - ms Power-on Reset Period tpor - 1003 - XIN cycles Serial Port Timing Serial Clock Frequency SCLK 0 - 2 MHz SCLK Falling to CS Falling for continuous running SCLK (Note 22) t0 100 - - ns Serial Clock Pulse Width High Pulse Width Low t1 t2 250 250 - - - - ns ns SDI Write Timing CS Enable to Valid Latch Clock t3 50 - - ns Data Set-up Time prior to SCLK rising t4 50 - - ns Data Hold Time After SCLK Rising t5 100 - - ns SCLK Falling Prior to CS Disable t6 100 - - ns SDO Read Timing CS to Data Valid t7 - - 150 ns SCLK Falling to New Data Bit t8 - - 150 ns CS Rising to SDO Hi-Z t9 - - 150 ns |