| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 13 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 13 Page - Mitsubishi Electric Semiconductor |
|
13 / 69 page ![]() MITSUBISHI MICROCOMPUTERS 38B5 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 13 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Fig. 9 Port Block Diagram (1) (2) Ports P1, P3 (3) Port P20 (5) Port P43 (6) Port P44 (8) Port P47 (7) Ports P45, P46 INT2 interrupt input * High-breakdown-voltage P-channel transistor Notes 1: The dimmer signal sets the Toff timing. 2: A pull-down resistor is not built in to ports P2 and P8. VEE * Timer 1 output bit Timer 3 output bit Timer 1 output Timer 3 output Dimmer signal (Note 1) * read Buzzer control signal Buzzer signal output Timer 6 output selection bit Timer 6 output INT0 ,INT1,INT3 interrupt input CNTR1 input Timer 4 external clock input (1) Ports P0, P21–P27, P80–P83 Data bus Local data bus Port latch Dimmer signal (Note 1) * FLD/Port switch register Direction register read VEE (Note 2) VEE FLD/Port switch register Port latch Direction register Data bus Local data bus (Note 2) Data bus Local data bus Port latch Dimmer signal (Note 1) (4) Ports P40–P42, P60 Port latch Direction register Data bus Buzzer control signal Buzzer signal output Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Data bus Data bus |