| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74HC40105 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74HC40105 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 19 page ![]() 13 NOTES: 5. Data valid goes to high level in advance of the data out by a maximum of 38ns at VCC = 4.5V for CL = 50pF and TA = 25 oC. 6. At VCC = 4.5V, ripple time from position 1 to position 16. 7. At VCC = 4.5V, ripple time from position 16 to position 1. FIGURE 13. TIMING DIAGRAM FOR THE CD74HC/HCT40105 SHIFT-IN PULSES HAVE NO EFFECT MASTER RESET SHIFT IN (DATA VALID) INPUTS SHIFT OUT OUTPUTS INPUT READY (CLEAR OUT) OUTPUT READY (DATA VALID) DATA IN (Db) THREE-STATE (OUTPUT ENABLE) DATA OUT (UNKNOWN) HIGH Z INVALID ≈180ns (NOTE 7) ≈180ns (NOTE 6) (NOTE 5) INPUTS SHIFT-OUT PULSES HAVE NO EFFECT 10 1 1 1 0 10 11 1 0 0 0 1 1 1 1 10 0 0 (NOTE 5) CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105 |