công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS90LT012ATMF bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện DS90LT012ATMF
Giải thích chi tiết về linh kiện  3V LVDS Single CMOS Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LT012ATMF bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  DS90LT012ATMF Datasheet HTML 1Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 2Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 3Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 4Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 5Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 6Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 7Page - National Semiconductor (TI) DS90LT012ATMF Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3V to +4V
Input Voltage (IN+, IN−)
−0.3V to +3.9V
Output Voltage (TTL OUT)
−0.3V to (V
DD + 0.3V)
Output Short Circuit Current
−100mA
Maximum Package Power Dissipation @ +25˚C
LDA Package
2.26 W
Derate LDA Package
18.1 mW/˚C above +25˚C
Thermal resistance (
θ
JA)
55.3˚C/W
MF Package
902mW
Derate MF Package
7.22 mW/˚C above +25˚C
Thermal resistance (
θ
JA)
138.5˚C/W
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range Soldering
(4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
ESD Ratings (Note 4)
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
DD)
+2.7
+3.3
+3.6
V
Operating Free Air
Temperature (T
A)
−40
25
+85
˚C
Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
TH
Differential Input High Threshold
V
CM dependant on VDD (Note 11)
IN+, IN−
−30
0
mV
V
TL
Differential Input Low Threshold
−100
−30
mV
V
CM
Common-Mode Voltage
V
DD = 2.7V, VID = 100mV
0.05
2.35
V
V
DD = 3.0V to 3.6V, VID = 100mV
0.05
V
DD - 0.3V
V
I
IN
Input Current (DS90LV012A)
V
IN = +2.8V
V
DD = 3.6V or 0V
−10
±1
+10
µA
V
IN = 0V
−10
±1
+10
µA
V
IN = +3.6V
V
DD = 0V
−20
+20
µA
∆I
IN
Change in Magnitude of I
IN
V
IN = +2.8V
V
DD = 3.6V or 0V
4
µA
V
IN =0V
4
µA
V
IN = +3.6V
V
DD =0V
4
µA
I
IND
Differential Input Current
V
IN+ = +0.4V, VIN− = +0V
3
3.9
4.4
mA
(DS90LT012A)
V
IN+ = +2.4V, VIN− = +2.0V
R
T
Integrated Termination Resistor
(DS90LT012A)
102
Ω
C
IN
Input Capacitance
IN+ = IN− = GND
3
pF
V
OH
Output High Voltage
I
OH = −0.4 mA, VID = +200 mV
TTL OUT
2.4
3.1
V
I
OH = −0.4 mA, Inputs terminated
2.4
3.1
V
I
OH = −0.4 mA, Inputs shorted
2.4
3.1
V
V
OL
Output Low Voltage
I
OL = 2 mA, VID = −200 mV
0.3
0.5
V
I
OS
Output Short Circuit Current
V
OUT = 0V (Note 5)
−15
−50
−100
mA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.7
V
I
DD
No Load Supply Current
Inputs Open
V
DD
5.4
9
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com