| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6000 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6000 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 129 page ![]() TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D FLOATING-POINT DIGITAL SIGNAL PROCESSORS SPRS088L − FEBRUARY 1999 − REVISED MAY 2004 39 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 CPU CSR register description The CPU control status register (CSR) contains the CPU ID and CPU Revision ID (bits 16−31) as well as the status of the device power-down modes [PWRD field (bits 15−10)], program and data cache control modes, the endian bit (EN, bit 8) and the global interrupt enable (GIE, bit 0) and previous GIE (PGIE, bit 1). Figure 6 and Table 19 identify the bit fields in the CPU CSR register. For more detailed information on the bit fields in the CPU CSR register, see the TMS320C6000 DSP Peripherals Overview Reference Guide (literature number SPRU190) and the TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189). 31 24 23 16 CPU ID REVISION ID R-0x02 R-0x02 [C6711/11B] R-0x03 [C6711C/11D] 15 10 9 8 7 6 5 4 2 1 0 PWRD SAT EN PCC DCC PGIE GIE R/W-0 R/C-0 R-1 R/W-0 R/W-0 R/W-0 R/W-0 Legend: R = Readable by the MVC instruction, R/W = Readable/Writeable by the MVC instruction; W = Read/write; -n = value after reset, -x = undefined value after reset, C = Clearable by the MVC instruction Figure 6. CPU Control Status Register (CPU CSR) |