công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS3061 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện THS3061
Giải thích chi tiết về linh kiện  LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

THS3061 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button THS3061 Datasheet HTML 17Page - Texas Instruments THS3061 Datasheet HTML 18Page - Texas Instruments THS3061 Datasheet HTML 19Page - Texas Instruments THS3061 Datasheet HTML 20Page - Texas Instruments THS3061 Datasheet HTML 21Page - Texas Instruments THS3061 Datasheet HTML 22Page - Texas Instruments THS3061 Datasheet HTML 23Page - Texas Instruments THS3061 Datasheet HTML 24Page - Texas Instruments THS3061 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
THS3061
THS3062
SLOS394A – JULY 2002 – OCTOBER 2002
www.ti.com
21
There are two simple ways to create an integrator with a CFB amplifier. The first, shown in Figure 56, adds a resistor
in series with the capacitor. This is acceptable because at high frequencies, the resistor is dominant and the feedback
impedance never drops below the resistor value. The second, shown in Figure 57, uses positive feedback to create
the integration. Caution is advised because oscillations can occur due to the positive feedback.
+
–
C1
Rf
Rg
VO
VI
THS306x
V
O
V
I
+
R
f
Rg
S
) 1
R
f
C1
S
Figure 56. Inverting CFB Integrator
+
–
Rf
VO
Rg
R2
R1
C1
RA
VI
THS306x
For Stable Operation:
R2
R1 || RA
≥
Rf
Rg
sR1C1
(
)
Rf
Rg
1 +
VO ≅ VI
Figure 57. Noninverting CFB Integrator
The THS306x may also be employed as a very good video distribution amplifier. One characteristic of distribution
amplifiers is the fact that the differential phase (DP) and the differential gain (DG) are compromised as the number
of lines increases and the closed-loop gain increases. Be sure to use termination resistors throughout the distribution
system to minimize reflections and capacitive loading.
+
–
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
N Lines
VO1
VON
THS306x
75-
Ω Transmission Line
VI
Rf
Rg
Figure 58. Video Distribution Amplifier Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25