| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2G126DCTR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2G126DCTR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 13 page ![]() SN74LVC2G126 DUAL BUS BUFFER GATE WITH 3STATE OUTPUTS SCES205H − APRIL 1999 − REVISED SEPTEMBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The SN74LVC2G126 is a dual bus driver/line driver with 3-state outputs. The outputs are disabled when the associated output-enable (OE) input is low. To ensure the high-impedance state during power up or power down, OE should be tied to GND through a pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. FUNCTION TABLE (each buffer) INPUTS OUTPUT OE A OUTPUT Y H H H H LL L X Z logic diagram (positive logic) 1A 1Y 1OE 1 26 2A 2OE 7 53 2Y |