công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C6415GLS100 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện TMP320C6415GLS100
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6415GLS100 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMP320C6415GLS100 Datasheet HTML 9Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 10Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 11Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 12Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 13Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 14Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 15Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 16Page - Texas Instruments TMP320C6415GLS100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
TMS320C6205
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS106E − OCTOBER 1999 − REVISED MARCH 2004
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Signal Descriptions
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
CLOCK/PLL
CLKIN
J3
I
Clock Input
CLKOUT2
T19
O
Clock output at half of device speed
DUsed for synchronous memory interface
CLKMODE0
L3
I
Clock mode select 0
DSelects whether the on-chip PLL is used or bypassed. For more details, see the Clock PLL section.
DThe PLL Multiply Factor is selected at boot configuration. For more details, see the EMIF − Data
pin descriptions and the clock PLL section.
PLLV‡
K5
A§
PLL analog VCC connection for the low-pass filter
PLLG‡
L2
A§
PLL analog GND connection for the low-pass filter
PLLF‡
L1
A§
PLL low-pass filter connection to external components and a bypass capacitor
JTAG EMULATION
TMS
E17
I
JTAG test-port mode select (features an internal pullup)
TDO
D19
O/Z
JTAG test-port data out
TDI
D18
I
JTAG test-port data in (features an internal pullup)
TCK
D17
I
JTAG test-port clock
TRST
C19
I
JTAG test-port reset (features an internal pulldown)
EMU1
E18
I/O/Z
Emulation pin 1, pullup with a dedicated 20-kΩ resistor
EMU0
F15
I/O/Z
Emulation pin 0, pullup with a dedicated 20-kΩ resistor
RESET AND INTERRUPTS
RESET
C3
I
Device reset
NMI
A8
I
Nonmaskable interrupt
DEdge-driven (rising edge)
EXT_INT7
B15
EXT_INT6
C15
I
External interrupts
Ed
d i
EXT_INT5
A16
I
DEdge-driven
DPolarity independently selected via the External Interrupt Polarity Register bits (EXTPOL [3:0])
EXT_INT4
B16
DPolarity independently selected via the External Interrupt Polarity Register bits (EXTPOL.[3:0])
IACK
A15
O
Interrupt acknowledge for all active interrupts serviced by the CPU
INUM3
F12
INUM2
A14
O
Active interrupt identification number
V lid d i
IACK f
ll
i
i
(
j
l)
INUM1
B14
O
DValid during IACK for all active interrupts (not just external)
DEncoding order follows the interrupt-service fetch-packet ordering
INUM0
C14
DEncoding order follows the interrupt-service fetch-packet ordering
POWER-DOWN STATUS
PD
B18
O
Power-down modes 2 or 3 (active if high)
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground
‡ PLLV, PLLG, and PLLF are not part of external voltage supply or ground. See the clock PLL section for information on how to connect these pins.
§ A = Analog Signal (PLL Filter)
For emulation and normal operation, pull up EMU1 and EMU0 with a dedicated 20-kΩ resistor. For boundary scan, pull down EMU1 and EMU0
with a dedicated 20-kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com