công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C6414GLS100 bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện TMP320C6414GLS100
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6414GLS100 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TMP320C6414GLS100 Datasheet HTML 13Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 14Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 15Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 16Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 17Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 18Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 19Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 20Page - Texas Instruments TMP320C6414GLS100 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
TMS320C6205
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS106E − OCTOBER 1999 − REVISED MARCH 2004
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
EMIF − DATA (CONTINUED)
ED8
M17
ED7
N19
ED6
P19
ED5
N15
ED4
P18
I/O/Z
External data
ED3
P17
I/O/Z
External data
ED2
R19
ED1
R18
ED0
R17
EMIF − ASYNCHRONOUS MEMORY CONTROL
ARE
U14
O/Z
Asynchronous memory read-enable
AOE
W14
O/Z
Asynchronous memory output-enable
AWE
V14
O/Z
Asynchronous memory write-enable
ARDY
W15
I
Asynchronous memory ready input
EMIF − SYNCHRONOUS DRAM (SDRAM)/SYNCHRONOUS BURST SRAM (SBSRAM) CONTROL
SDA10
U19
O/Z
SDRAM address 10 (separate for deactivate command)
SDCAS/SSADS
V19
O/Z
SDRAM column-address strobe/SBSRAM address strobe
SDRAS/SSOE
U18
O/Z
SDRAM row-address strobe/SBSRAM output-enable
SDWE/SSWE
T17
O/Z
SDRAM write-enable/SBSRAM write-enable
EMIF − BUS ARBITRATION
HOLD
P14
I
Hold request from the host
HOLDA
V15
O
Hold-request-acknowledge to the host
TIMER 0
TOUT0
E5
O
Timer 0 or general-purpose output
TINP0
C5
I
Timer 0 or general-purpose input
Timer 1
TOUT1
A5
O
Timer 1 or general-purpose output
TINP1
B5
I
Timer 1 or general-purpose input
DMA ACTION COMPLETE STATUS
DMAC3
A17
DMAC2
B17
O
DMA action complete
DMAC1
C16
O
DMA action complete
DMAC0
A18
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKS0
A12
I
External clock source (as opposed to internal)
CLKR0
B9
I/O/Z
Receive clock
CLKX0
C9
I/O/Z
Transmit clock
DR0
A10
I
Receive data
DX0
B10
O/Z
Transmit data
FSR0
E10
I/O/Z
Receive frame sync
FSX0
A9
I/O/Z
Transmit frame sync
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com