công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLX-9ES-2SC bảng dữ liệu(PDF) 2 Page - Red Lion Controls. Inc

tên linh kiện SLX-9ES-2SC
Giải thích chi tiết về linh kiện  Unmanaged Ethernet Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REDLION [Red Lion Controls. Inc]
Trang chủ  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-9ES-2SC bảng dữ liệu(HTML) 2 Page - Red Lion Controls. Inc

  SLX-9ES-2SC Datasheet HTML 1Page - Red Lion Controls. Inc SLX-9ES-2SC Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL & SLX Unmanaged Industrial Ethernet Switch Specifications
Sixnet • 331 Ushers Road • Ballston Lake, NY 12019 • USA • +1 518 877 5173
www.sixnet.com
SL/SLX-5/8/9ES-1/2/3
UNMANAGED INDUSTRIAL ETHERNET SWITCHES SPECIFICATIONS
All specifications are subject to change. Consult factory for latest info.
ETHERNET PERFORMANCE
n
Unmanaged with 5, 8 or 9 Ethernet ports
n
Store & forward wire-speed switching
n
Automatic address learning, aging and migration
n
Full duplex operation with flow control (no collisions)
n
All IEEE 802.3 Ethernet protocols supported
n
1024 MAC addresses supported
n
Memory bandwidth 3.2 Gbps
n
Typical latency (varies on load)
p
@ 100 Mbps: 5 µs + frame time
p
@ 10 Mbps: 16 µs + frame time
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET PORTS
n
Shielded RJ45 ports for 10/100BaseTX
p
Auto-negotiation for 10 or 100 Mbps
p
Auto- MDI/MDIX-crossover for either cable type
p
Auto-polarity corrects for crossed +/- signals
n
Fiber optic port speed 100BaseFX (100 Mbps)
n
Fiber duplex operation: Full duplex
n
Fiber wavelength: 1300 nm center (typical)
n
Fiber max. distance (full duplex) (see web for details)
p
4 km for multimode 50 or 62.5/125 µm (SC or ST)
p
20 km for singlemode 9 or 10/125 µm (SC or ST)
p
40 km (long haul) or more (contact Sixnet)
ETHERNET COMPLIANCE
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
POWER INPUT
n
Power input voltage: 10-30 VDC
n
Redundant input terminals
n
Input power (typical - all ports active at 100 Mbps)
p
2.0 W (5-port without fiber)
p
3.0 W (5-port including 1 fiber)
p
4.0 W (8-port without fiber)
p
5.0 W (9-port including 1 fiber)
n
Transient protection: 15,000 watts peak
n
Spike protection: 5,000 watts (10 times for 10 uS)
ENVIRONMENTAL
n
Operating temperature
p
SL models: -40 to +60°C
p
SLX models: -40 to +85°C (cold startup at -40)
n
Storage temperature: -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH
n
Vibration and shock: IEC60068-2-6
n
Maximum Operating Altitude: 30,000 ft. (SLX models)
MECHANICAL DRAWINGS
STANDARDS COMPLIANCE
n
Electrical safety - UL508/CSA C22.2/142, EN61010-1, CE
n
EMC - FCC part 15, ICES-003, EN61000-6, CE
n
Hazardous locations: ANSI/ISA 12.12.01/CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3), CE (ATEX)
n
Maritime rated for marine & offshore per ABS
n
Eye safety (fiber models) - IEC60825-1, Class 1; FDA 21 CFR
1040.10 and 1040.11
PHYSICAL
n
Din-rail or direct panel mounting
n
Ingress protection:
p
SL models: IP30
p
SLX models: IP40
n
Case: UL94V0 Lexan (SL) or Aluminum (SLX)
n
Weight:
p
4 oz (0.11 kg) – SL-5ES
p
6 oz (0.17 kg) – SLX-5ES, SL-8/9ES
p
8 oz (0.23 kg) – SLX-8/9ES
n
Dimensions – see mechanical diagram below
ORDERING GUIDE
SLX-5ES-1
5 RJ45 10/100 ports
SLX-5ES-2SC 4 RJ45 ports and 1 mm fiber SC, 4 Km
SLX-5ES-2ST 4 RJ45 ports and 1 mm fiber ST, 4 Km
SLX-5ES-3SC 4 RJ45 ports and 1 sm fiber SC, 20 Km
SLX-5ES-3ST 4 RJ45 ports and 1 sm fiber ST, 20 Km
SLX-6ES-4/5
Dual fiber - see separate datasheet
SLX-8ES-1
8 RJ45 10/100 ports
SLX-8ES-6/7
Three fiber - see separate datasheet
SLX-9ES-2SC 8 RJ45 ports and 1 mm fiber SC, 4 Km
SLX-9ES-2ST 8 RJ45 ports and 1 mm fiber ST, 4 Km
SLX-9ES-3SC 8 RJ45 ports and 1 sm fiber SC, 20 Km
SLX-9ES-3ST 8 RJ45 ports and 1 sm fiber ST, 20 Km
SL-
w/Lexan case and limited temperature
ET-PS-024-02 2 Amp, AC to 24 VDC Power Supply
SP-ETH-2
Dual Ethernet port surge & lightning protector
Contact Sixnet for special or long haul fiber transeivers up to 120 Km.
3.26"
[8.28 cm]
4.20"
[10.67 cm]
1.00" [2.54 cm] for 5ES
1.50" [3.81 cm) for 8/9ES
3.72"
[9.45 cm]
3.00"
[7.62 cm]
SL with
Lexan Case
SLX with
Metal Case
3.79"
[9.63 cm]
4.50"
[11.43 cm]
4.00"
[10.16 cm]
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0203 091916 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com