công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLX-9ES bảng dữ liệu(PDF) 1 Page - Red Lion Controls. Inc

tên linh kiện SLX-9ES
Giải thích chi tiết về linh kiện  Three Fiber Industrial Ethernet Unmanaged Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REDLION [Red Lion Controls. Inc]
Trang chủ  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-9ES bảng dữ liệu(HTML) 1 Page - Red Lion Controls. Inc

  SLX-9ES Datasheet HTML 1Page - Red Lion Controls. Inc SLX-9ES Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLX-8ES-6/7 Ethernet Switch
Sixnet Networking Series
Three Fiber Industrial Ethernet Unmanaged Switch
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
THREE FIBER INDUSTRIAL ETHERNET UNMANAGED SWITCH
SLX-8ES-6/7
PRODUCT DATASHEET
The SLX-8ES-6/7 is an 8 port industrial Ethernet
unmanaged switch featuring 3 noise-immune
Fiber optic ports. This ruggedized switch is
industrial hardened to provide superior reliability
for long term operation. They require no user
setup and immediately start operating as soon
as you power them up.
PRODUCT HIGHLIGHTS
n
Three 100 Mbps fiber optic ports for noise
immune links up to 120 km
n
Slim packaging fits on your DIN rail
n
High performance and value
n
Truly industrial hardened design
n
Dual power inputs keeps you running
n
Plug & play saves you time and money
REAL-TIME OPERATION
n
Intelligent routing - No collisions!
n
Ideal for any 10/100 Ethernet system
PLUG AND PLAY SIMPLICITY
n
Auto-sensing for speed and duplex
n
Auto-mdi/mdix-crossover and auto-polarity
TROUBLE FREE OPERATION
n
Ultra-reliable 1,000,000+ hours MTBF
n
-40 to +85°C operating range
n
UL, CSA (CUL), CE and Hazloc
(Zone 2) rated
n
Dual power inputs with spike/surge protection
n
Rugged corrosion-resistant aluminum case
n
DIN rail or direct panel mounting in multiple
positions – No accessories required!
SIXNET KNOWS INDUSTRIAL –
We have been designing industrial hardware such
as Remote Terminal Units for over 30 years and
have used this expertise to design the toughest
Ethernet switches on the market. Don’t trust your
critical communications to so-called industrial
hardware from commercial switch manufacturers.
SIXNET switches give you proven assurance that
your system will keep running for years to come.
FIVE 10/100 RJ45 AND
THREE FAST ETHERNET
FIBER OPTIC PORTS


Số phần tương tự - SLX-9ES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Red Lion Controls. Inc
SLX-9ES-2SC REDLION-SLX-9ES-2SC Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
SLX-9ES-2ST REDLION-SLX-9ES-2ST Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
SLX-9ES-3SC REDLION-SLX-9ES-3SC Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
SLX-9ES-3ST REDLION-SLX-9ES-3ST Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
More results

Mô tả tương tự - SLX-9ES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Red Lion Controls. Inc
524TX REDLION-524TX Datasheet
498Kb / 3P
Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
Unmanaged Industrial Ethernet Switch
304TX REDLION-304TX Datasheet
764Kb / 3P
Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com