| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP3301 bảng dữ liệu(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3301 bảng dữ liệu(HTML) 9 Page - Diodes Incorporated |
|
9 / 16 page ![]() AP3301 Document number: DS38018 Rev. 4 - 2 9 of 16 www.diodes.com June 2016 © Diodes Incorporated AP3301 Performance Characteristics (Cont.) IBNO vs. Ambient Temperature VM vs. Ambient Temperature PIN3 Utilization for BNO/SOVP/OCP COMP DEM VCC SOVP/IBNI/IBNO Operation Description The AP3301 realizes Multi-Mode Operation including Burst mode, QR mode and CCM mode, which is specifically designed for off-line AC-DC power supply used in LCD monitor, notebook adapter and battery charger applications. At medium load, the IC will enter valley lock QR mode with frequency foldback to improve system efficiency and EMI performance. It offers a cost effective solution with a versatile protection function. Figure 1 -40 -20 0 20 40 60 80 100 120 60 65 70 75 80 85 90 Ambient Temperature ( oC) -40 -20 0 20 40 60 80 100 120 9.0 9.1 9.2 9.3 9.4 9.5 9.6 9.7 9.8 Ambient Temperature ( oC) |