| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS9075B bảng dữ liệu(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS9075B bảng dữ liệu(HTML) 21 Page - Semtech Corporation |
|
21 / 28 page ![]() GS1575B / GS9075B HD-LINX® II Multi-Rate SDI Automatic Reclocker Data Sheet 40063 - 1 June 2009 21 of 28 4.9 DVB-ASI Operation The GS1575B/9075B will also re-clock DVB-ASI at 270 Mb/s. When reclocking DVB-ASI data set the ASI/177 pin HIGH to prevent a false lock to 177Mb/s. If ASI/177 is not set HIGH, a false lock may occur since there is a harmonic present in idle patterns (K28.5) which is very close the 177 Mb/s data rate (EIC 1179). Note that setting the ASI/177 pin HIGH will disable the 177 Mb/s search when the device is in Auto mode, consequently the GS1575B/9075B will not lock to that data rate. 4.10 Lock and LOS Indicators The LOCKED signal is an active high output which indicates when the PLL is locked. The internal lock logic of the GS1575B/9075B includes a system which monitors the Frequency Acquisition Loop and the Phase Acquisition Loop as well as a monitor to detect harmonic lock. The LOS (Loss of Signal) output is an active HIGH output which indicates the absence of data transitions at the DDIx input. In order for this output to be asserted, transitions must not be present for a period of typically 5.14 us. After this output has been asserted, LOS will deassert typically 5.14 us after the appearance of a transition at the DDIx input. This timing relationship is shown in Figure 4-4: Figure 4-4: LOS signal timing NOTE: LOS is sensitive to transitions appearing at the input, and does not distinguish between transitions caused by input data, and transitions due to noise. DATA LOS 5.14 us 5.14 us |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |