công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CESDLC5V0J4 bảng dữ liệu(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

tên linh kiện CESDLC5V0J4
Giải thích chi tiết về linh kiện  Quad-direction ESD Protection Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Trang chủ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CESDLC5V0J4 bảng dữ liệu(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CESDLC5V0J4 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CESDLC5V0J4 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CESDLC5V0J4 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CESDLC5V0J4 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CESDLC5V0J4 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CESDLC5V0J4 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.cj-elec.com
1
SOT-353
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-353 Plastic-Encapsulate Diodes
CESDLC5V0J4 Quad-direction ESD Protection Array
DESCRIPTION
Designed to protect voltage sensitive electronic components from ESD and other
transients. Excellent clamping capability, low leakage, low capacitance, and fast
response time provide best in class protection on designs that are exposed to ESD.
The combination of small size, low capacitance, and high level of ESD protection
makes them a flexible solution for applications such as HDMI, Display Port TM, and
MDDI interfaces. It is designed to replace multiplayer varistors (MLV) in consumer
equipments applications such as mobile phone, notebook, PAD, STB, LCD TV etc.
FEATURES
Uni-directional ESD protection of four lines
Low capacitance: 1
0pF(Typ)
Low reverse stand−off voltage: 5V
Low reverse clamping voltage
Low leakage current
Excellent package:2.10mm×1.25mm×0.96mm
Fast response time
JESD22-A114-B ESD Rating of class 3B per human
body model
IEC 61000-4-2 Level 3 ESD protection
APPLICATIONS
Computers and peripherals
Audio and video equipment
Subscriber Identity Module (SIM) card protection
Cellular handsets and accessories
Portable electronics
Other electronics equipments
communication systems
MARKING
4H = Device code
Front side
D,Mar,2016


Số phần tương tự - CESDLC5V0J4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jiangsu Changjiang Elec...
CESDLC5V0AT7 JIANGSU-CESDLC5V0AT7 Datasheet
1Mb / 2P
Low Capacitance for ESD Protection
CESDLC5V0G3 JIANGSU-CESDLC5V0G3 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESDLC5V0K5 JIANGSU-CESDLC5V0K5 Datasheet
677Kb / 6P
Quad-direction ESD Protection Array
CESDLC5V0L4 JIANGSU-CESDLC5V0L4 Datasheet
749Kb / 6P
Quad-direction ESD Protection Array
CESDLC5V0M5 JIANGSU-CESDLC5V0M5 Datasheet
626Kb / 6P
Quad-direction ESD Protection Array
More results

Mô tả tương tự - CESDLC5V0J4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jiangsu Changjiang Elec...
CESD5V0J4 JIANGSU-CESD5V0J4 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESD5V0K5 JIANGSU-CESD5V0K5 Datasheet
814Kb / 6P
Quad-direction ESD Protection Array
CESD5V0L4 JIANGSU-CESD5V0L4 Datasheet
802Kb / 6P
Quad-direction ESD Protection Array
CESDLC3V0J4 JIANGSU-CESDLC3V0J4 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESDLC3V0L4 JIANGSU-CESDLC3V0L4 Datasheet
886Kb / 6P
Quad-direction ESD Protection Array
CESDLC5V0G3 JIANGSU-CESDLC5V0G3 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESDLC5V0K5 JIANGSU-CESDLC5V0K5 Datasheet
677Kb / 6P
Quad-direction ESD Protection Array
CESDLC5V0L4 JIANGSU-CESDLC5V0L4 Datasheet
749Kb / 6P
Quad-direction ESD Protection Array
CESDLC5V0M5 JIANGSU-CESDLC5V0M5 Datasheet
626Kb / 6P
Quad-direction ESD Protection Array
logo
First Silicon Co., Ltd
FTV05E-04 FS-FTV05E-04 Datasheet
353Kb / 5P
Quad-direction ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com