công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FFM101-MS bảng dữ liệu(PDF) 2 Page - Formosa MS

tên linh kiện FFM101-MS
Giải thích chi tiết về linh kiện  SMD Fast Recovery Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORMOSA [Formosa MS]
Trang chủ  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM101-MS bảng dữ liệu(HTML) 2 Page - Formosa MS

  FFM101-MS Datasheet HTML 1Page - Formosa MS FFM101-MS Datasheet HTML 2Page - Formosa MS FFM101-MS Datasheet HTML 3Page - Formosa MS FFM101-MS Datasheet HTML 4Page - Formosa MS FFM101-MS Datasheet HTML 5Page - Formosa MS FFM101-MS Datasheet HTML 6Page - Formosa MS FFM101-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
Formosa MS
1.0A Surface Mount Fast
Recovery Rectifiers-50-1000V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
1.0
30
5.0
+175
-65
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
15
100
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
• Tiny plastic SMD package.
High current capability.
• Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
• Suffix "-H" indicates Halogen-free parts, ex. FFM101-MS-H.
•
•
•
•
•
•
FFM101-MS
FFM102-MS
FFM103-MS
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
FFM104-MS
FFM105-MS
400
600
280
420
1.30
-55 to +150
FFM106-MS
FFM107-MS
800
1000
560
700
t
rr
(ns)
*5
150
250
500
50
100
200
400
600
800
1000
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
FFM101-MS THRU FFM107-MS
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123S/MINI SMA
• Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.0155 gram
•
DS-121206
2012/07/30
-
A
7
SMD Fast Recovery Rectifiers
Package outline
0.154(3.9)
0.138(3.5)
0.018(0.45) Typ.
0.079(2.0)
0.063(1.6)
0.040(1.00)
0.036(0.90)
0.032 (0.8) Typ.
0.032(0.8) Typ.
0.028(0.7)
0.044(1.1)
Dimensions in inches and (millimeters)
SOD-123S
0.009(0.22)
0.007(0.18)
0.119(3.0)
0.103(2.6)
Thermal resistance
R
θJA
OC/W
72
Junction to ambient
Junction to case
52
R
θJC



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com