công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C40GDM40C bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện TMP320C40GDM40C
Giải thích chi tiết về linh kiện  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C40GDM40C bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TMP320C40GDM40C Datasheet HTML 7Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 8Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 9Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 10Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 11Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 12Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 13Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 14Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table 1. ’320C40 Die Pad / TAB Lead Information : Rev. 5.2 (0,72
µm) (Continued)
DIE SIDE #4
C40 DIE BOND
PAD LOCATIONS
DIE/TAB BOND
PAD IDENTITY
X-COORDINATE OF DIE
BOND PAD
Y-COORDINATE OF DIE
BOND PAD
PITCH OF LEAD
(#, #) REFERENCES WHICH DIE
BOND PADS
244
CVSS
10953.72
126.00 (244, 245)
245
LD31
10827.72
126.00 (245, 246)
246
LD30
10701.72
126.00 (246, 247)
247
LD29
10575.72
126.00 (247, 248)
248
LD28
10449.72
126.00 (248, 249)
249
LDDVDD
10323.72
126.00 (249, 250)
250
LD27
10197.72
126.00 (250, 251)
251
LD26
10071.72
126.00 (251, 252)
252
LD25
9945.72
126.00 (252, 253)
253
LD24
9819.72
126.00 (253, 254)
254
LD23
9693.72
126.00 (254, 255)
255
LD22
9567.72
126.00 (255, 256)
256
LD21
9441.72
126.00 (256, 257)
257
LD20
9315.72
126.00 (257, 258)
258
LD19
9189.72
126.00 (258, 259)
259
LD18
9063.72
126.00 (259, 260)
260
LD17
8937.72
126.00 (260, 261)
261
LDDVDD
8811.72
126.00 (261, 262)
262
CVSS
8685.72
126.00 (262, 263)
263
DVSS
8559.72
126.00 (263, 264)
264
IVSS
8433.72
11819.88
126.00 (264, 265)
265
LD16
8307.72
11819.88
126.00 (265, 266)
266
LD15
8181.72
126.00 (266, 267)
267
LD14
8055.72
126.00 (267, 268)
268
LD13
7929.72
126.00 (268, 269)
269
LD12
7803.72
126.00 (269, 270)
270
LD11
7677.72
126.00 (270, 271)
271
LD10
7551.72
126.00 (271, 272)
272
LD9
7425.72
126.00 (272, 273)
273
LD8
7299.72
126.00 (273, 274)
274
LD7
7173.72
126.00 (274, 275)
275
LD6
7047.72
126.00 (275, 276)
276
LD5
6921.72
126.00 (276, 277)
277
LDDVDD
6795.72
126.00 (277, 278)
278
LD4
6669.72
126.00 (278, 279)
279
LD3
6543.72
126.00 (279, 280)
280
LD2
6417.72
126.00 (280, 281)
281
LD1
6291.72
126.00 (281, 282)
282
LD0
6165.72
127.62 (282, 283)
283
VDDL
6038.10
126.00 (283, 284)
284
VSSL
5912.10
126.00 (284, 285)
285
CVSS
5786.10
126.00 (285, 286)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15